Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download IN5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400 THRU 1N5408
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 3.0 Ampere
DO-27
1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.375(9.5) .335(8.5) .220(5.6) DIA. .197(5.0) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042 ounce, 1.19 grams
.052(1.3) DIA. .048(1.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 150
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
1N5400 1N5401 1N5402 1N5404 1N5406 1N5407 1N5408 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000 3.0 125 1.0 5.0 500 500 40 30 -55 to +150 -55 to +150
UNIT
Volts Volts Volts Amps Amps Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=75 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance from junction to ambient at 0.375"(9.5mm) lead length, P.C.board mounted with 0.8"x0.8"(20x 20mm) copper heatsink.
Web Site: WWW.PS-PFS.COM
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400 THRU 1N5408
VOLTAGE RANGE CURRENT
50 to 1000 Volts 3.0 Ampere
RATING AND CHRACTERISTIC CURVES 1N5400 Thur 1N5408
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
AVERAGE FORWARD CURRENT,
PEAK FORWARD SURGE
2.5
125
2.0
CURRENT, (A)
100 75
8.3ms Single Half Sine-Wave (JEDEC Method) =T T j jmax
(A)
1.5
1.0
Single Phase Half Wave 60Hz Resistive or
50
0.5
25
0 0
Inductive Load
25
50
70 75
100
125
150
175
0 1 2 5 8 10 20 50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10
10
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, (mA)
Tj =100 C
1
1.0
(A)
0.1
T =25 C
j
0.1
Pulse Width=300us 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Tj =25 C 0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X